ATS-12B-65-C2-R0
AI

The **ATS-12B-65-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table breaks down the critical physical and thermal properties of this specific part number:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) / Compression Spring |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | ~1.3°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Part Number Breakdown
The part number is a coded string representing the specific configuration of the cooling solution:
- **ATS-12B**: Refers to the "maxiFLOW™" series, known for its high-density fin structure and low pressure drop.
- **65**: Represents the specific internal dimensions and fin pattern.
- **C2**: Indicates the color/finish (Blue Anodized) and the thermal performance class.
- **R0**: Refers to the revision code or specific packaging/material compliance (RoHS).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not require electricity to run), it is essential for the reliability of electronic systems:
* **Heat Dissipation:** It increases the surface area of the component it is mounted on, allowing air (convection) to carry away heat generated by electrical resistance.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) below the manufacturer's limit, it prevents **thermal throttling** (performance slowdown) and permanent hardware failure.
* **Mechanical Stability:** The "Push-Pin" attachment ensures a precise and consistent pressure across the chip, which is vital for the efficiency of the Thermal Interface Material (TIM).
---
### 4. Implementation Details
* **Mounting:** Requires pre-drilled holes in the PCB. The brass push-pins use a spring-loaded mechanism to snap into place.
* **Airflow Direction:** This model is designed for **longitudinal airflow**. The fins are oriented to maximize cooling when air moves parallel to the fin length.
* **Compatibility:** Best suited for high-power BGA (Ball Grid Array) packages where standard adhesive-based heat sinks might fail due to weight or heat.
---
- ⤷
What are the PCB hole size requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used in a natural convection (fanless) environment?