ATS-12B-66-C2-R0
AI

The **ATS-12B-66-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components such as processors, FPGAs, and ASICs that require high thermal efficiency in constrained spaces.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-12B-66-C2-R0 |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 1.19 °C/W (@ 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | maxiFLOW (Tapered Fin) |
| **RoHS Status** | Compliant |
---
### 2. Key Electronic & Design Features
#### A. Thermal Management Strategy
This part is designed to dissipate heat from high-power electronic components. The **maxiFLOW™** geometry features a tapered fin design that increases the surface area while reducing pressure drop, making it highly effective in forced-air environments (systems with cooling fans).
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "12B" designation refers to the specific hardware used for mounting:
* **Mechanical Stability:** It uses a push-pin and spring mechanism that provides consistent pressure on the electronic package.
* **Reliability:** This ensures optimal thermal interface material (TIM) performance and prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The **"C2"** suffix in the part number indicates that the heat sink comes pre-applied with **ATS-54** thermal interface material. This is a high-performance phase-change material or grease designed to fill microscopic air gaps between the component surface and the heat sink base.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial Computers:** Embedded systems requiring long-term thermal reliability.
* **Power Electronics:** DC-DC converters and power modules that generate significant localized heat.
---
- ⤷
What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used with different Thermal Interface Materials?