AI

The **ATS-12B-67-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-heat-generating electronic components like BGA (Ball Grid Array) chips.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-12B-67-C2-R0 |
| **Heat Sink Type** | pushPIN™ / maxiFLOW™ |
| **Material** | Aluminum (Body) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Thermal Resistance** | 2.03°C/W (at 200 LFM) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the ATS-12B-67-C2-R0 features a tapered fin design. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly efficient for forced-air cooling environments (fans).
#### B. Push-Pin Attachment Mechanism
This part utilizes a **push-pin and brass spring** assembly. This is critical for electronics for several reasons:
* **Constant Pressure:** The spring ensures uniform pressure across the electronic chip, maximizing thermal contact.
* **Ease of Assembly:** It allows for quick installation on a PCB with pre-drilled holes (spaced at 38.00mm for this model).
* **Reliability:** It prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes with **T766 thermal phase-change material**. This eliminates the need for manual application of thermal paste, ensuring a clean and consistent thermal bridge between the silicon die and the aluminum sink.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Hardware:** Switches, routers, and gateways.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or power ICs.
* **Processors:** Cooling small FPGAs, ASICs, or BGA-packaged CPUs.
- ⤷
What is the significance of the 'Blue Anodized' finish for electronic components?
- ⤷ How do I calculate the correct hole spacing on my PCB for this heat sink?
- ⤷ What is the difference between the C1 and C2 versions of this part?