ATS-12B-70-C2-R0
AI

The **ATS-12B-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | ATS |
| **Series** | pushPIN™ HS | High performance thermal interface |
| **Material** | Aluminum | Blue Anodized finish |
| **Attachment Method** | Push-Pin | Secure mechanical fastening |
| **Dimensions (L x W)** | 45mm x 45mm | Square footprint |
| **Height** | 25mm | Vertical clearance required |
| **Thermal Resistance** | 8.70°C/W (at 100 LFM) | Efficiency in cooling |
---
### 2. Design and Components
The "Electronic Parts" aspect of this component involves its integration into a PCB assembly:
* **Fins (The Radiator):** The structure consists of thin aluminum fins that increase surface area. This allows air to pass through and carry heat away from the source.
* **Push-Pins:** These are the mechanical fasteners (usually plastic or brass) that go through pre-drilled holes in the PCB. They use a spring-loaded mechanism to ensure constant pressure between the heat sink and the chip.
* **Thermal Interface Material (TIM):** This part usually comes with a pre-applied Phase Change Material (PCM) or thermal grease on the base to fill microscopic air gaps between the heat sink and the electronic chip.
---
### 3. Part Number Breakdown (ATS-12B-70-C2-R0)
To understand the specific electronic configuration, we can decode the suffix:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **12B:** Refers to the specific fin pattern and series.
* **70:** Indicates the specific product dimension/thermal characteristic code.
* **C2:** Refers to the **Thermal Interface Material**. "C2" typically indicates a high-performance thermal pad or grease is pre-applied.
* **R0:** Revision code (Standard version).
---
### 4. Application in Circuits
This part is used in environments where passive cooling (natural convection) or active cooling (fans) is necessary to prevent **thermal throttling** or hardware failure. Common applications include:
* Network switches and routers.
* Industrial embedded PCs.
* Power supply modules.
- ⤷
What are the advantages of using push-pins over adhesive for heat sinks?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the cooling performance of this part?
- ⤷ Can this heat sink be used with a custom fan assembly?