AI

The **ATS-12B-84-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of their "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-12B-84-C2-R0 |
| **Heat Sink Type** | Push Pin (Spring Loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Attachment Method** | Push Pins (Plastic/Brass) |
| **Thermal Resistance** | 9.00°C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions** | 30mm x 30mm x 25mm |
| **TIM (Thermal Interface Material)** | T766 (High Performance) |
---
## 2. Key Components & Materials
### A. The Heat Sink Body
* **Material:** Made from extruded aluminum. Aluminum is preferred for its high thermal conductivity and lightweight properties.
* **Finish:** The "Blue Anodized" finish is not just aesthetic; it increases surface emissivity and provides corrosion resistance.
### B. The Mounting Mechanism (Push Pins)
* **Hardware:** This model uses a push pin and spring assembly. The springs ensure even pressure across the component surface, which is critical for maximizing heat transfer to the sink.
* **Ease of Use:** This allows for a secure, tool-less installation into pre-drilled holes on the PCB (Printed Circuit Board).
### C. Thermal Interface Material (TIM)
* **Pre-Applied:** The "R0" suffix usually indicates that a high-performance Thermal Interface Material (T766) is pre-applied to the base of the heat sink.
* **Purpose:** The TIM fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance.
---
## 3. Performance Analysis
The efficiency of the **ATS-12B-84-C2-R0** is highly dependent on airflow (convection).
### Thermal Resistance vs. Airflow
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.00 |
| 200 | 1.0 | 5.02 |
| 300 | 1.5 | 3.99 |
| 400 | 2.0 | 3.46 |
*As airflow increases, the thermal resistance drops, allowing the part to dissipate heat more effectively.*
---
## 4. Typical Applications
This part is commonly used in electronic systems where space is limited but thermal loads are high:
* **Networking Equipment:** Routers, switches, and modems.
* **Industrial PCs:** Embedded systems and PLCs.
* **Consumer Electronics:** High-end audio/video processors.
- ⤷
What are the PCB hole size requirements for installing this push pin heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?