Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12B-93-C2-R0

  • AI
    The **ATS-12B-93-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their **maxiFLOW™** heat sink series designed for thermal management of electronic components like CPUs, GPUs, and ASICs. --- ### 1. Component Specification Overview | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-12B-93-C2-R0 | | **Component Type** | Heat Sink (Thermal Management) | | **Material** | Aluminum | | **Fin Style** | Straight (maxiFLOW™) | | **Attachment Method** | pushPIN™ | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Dimensions (L x W x H)** | 40.0mm x 40.0mm x 20.0mm | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature that defines its physical and thermal characteristics: * **ATS**: Manufacturer prefix (Advanced Thermal Solutions). * **12B**: Refers to the specific product series/chassis. * **93**: Specific design configuration and height indicator. * **C2**: Material/Finish code (Blue Anodized Aluminum). * **R0**: Revision or packaging code. --- ### 3. Key Electronic/Thermal Features #### A. Thermal Resistance This part is designed to dissipate heat efficiently from high-performance semiconductors. The "maxiFLOW" design features a flared fin structure which increases the surface area for air convection while maintaining a low pressure drop. #### B. pushPIN™ Attachment Unlike simple adhesive-backed heat sinks, the **R0** variant typically utilizes the **pushPIN™** assembly. This provides: * **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed evenly against the chip. * **Mechanical Stability:** Prevents the heat sink from shifting during vibration or shipping. * **Ease of Installation:** Uses a spring-loaded pin that snaps into pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied. T766 is a high-performance thermal grease or phase-change material that fills microscopic air gaps between the component die and the heat sink base, significantly lowering thermal resistance. --- ### 4. Common Applications * **Networking Hardware:** Routers, switches, and gateways. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or power modules. * **Telecommunications:** Base station hardware and signal processing units.
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized heat sinks?
    • ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
    • ⤷ What are the standard PCB hole patterns for pushPIN attachments?