ATS-12B-94-C2-R0
AI

The **ATS-12B-94-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 4.49°C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design Components
* **Heat Sink Base:** A 40x40mm flat surface that makes direct contact with the electronic component. It is usually paired with a **Thermal Interface Material (TIM)** to fill microscopic air gaps.
* **Straight Fins:** The vertical "fins" increase the surface area of the aluminum. This allows moving air (convection) to carry heat away from the component more efficiently.
* **Push-Pin Mechanism:** Unlike adhesive-based heat sinks, this uses spring-loaded plastic pins that snap into pre-drilled holes on the PCB. This provides consistent pressure and a more secure mechanical attachment.
---
### 3. Thermal Performance Profile
Thermal resistance measures how effectively the part moves heat. Lower numbers are better. Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Natural)** | 6.67 |
| **200 (Low Fan)** | 4.49 |
| **300 (Med Fan)** | 3.59 |
| **400 (High Fan)** | 3.09 |
---
### 4. Typical Applications
This specific size and mounting style are commonly found in:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Industrial PCs:** Embedded systems where vibration resistance (provided by push-pins) is required.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷What is the difference between push-pin and clip-on mounting for heat sinks?
- ⤷ How do I calculate if 4.49°C/W is sufficient for my specific chip?
- ⤷ Does this model come with pre-applied thermal interface material?