ATS-12D-03-C2-R0
AI

The **ATS-12D-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of high-heat electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Pitch (Fin Density)** | Fine Pitch (Rectangular Pattern) |
| **Thermal Resistance** | 26.32 °C/W (at 100 LFM) |
| **Weight** | ~0.027 kg (27 grams) |
---
### 2. Design and Engineering Features
* **Heat Sink Material:** Constructed from high-quality Aluminum 6063, which offers a balance between high thermal conductivity and structural integrity.
* **Push-Pin Attachment:** This model uses a tool-free push-pin mechanism. The "12D" designation refers to the specific hole spacing and spring tension designed to ensure consistent pressure across the interface material.
* **Fin Geometry:** The part features a rectangular "Straight Fin" design. This is optimized for uni-directional airflow, providing a low pressure drop and efficient heat dissipation in systems with forced convection (fans).
* **Thermal Interface Material (TIM):** It typically comes with a pre-applied Phase Change Material (PCM) or thermal tape to ensure a low-resistance thermal path between the chip and the heat sink.
---
### 3. Part Number Decoding
Understanding the nomenclature helps in identifying the exact variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **12D** | Attachment series and hole pattern |
| **03** | Dimensional height code (15mm) |
| **C2** | Performance class (Aluminum/Standard) |
| **R0** | Revision code/RoHS Compliance status |
---
### 4. Typical Applications
* **Computing:** Northbridge/Southbridge cooling on motherboards.
* **Embedded Systems:** Industrial PCs and routers.
* **Power Electronics:** Voltage regulators and LED drivers where space is limited but thermal loads are high.
- ⤷
What are the specific hole spacing requirements for the ATS-12D-03-C2-R0 push-pins?
- ⤷ How does the thermal resistance of this model change with higher airflow (LFM)?
- ⤷ Are there alternative finish options for this heat sink besides Blue Anodized?