ATS-12D-10-C2-R0
AI

The **ATS-12D-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Fin)** | 25mm |
| **Pitch** | Fine Pitch |
| **Fin Pattern** | XCUT (Cross-cut) |
| **Thermal Resistance** | ~7.89°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by ATS to identify the product's attributes:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **12D**: Refers to the specific series and mounting hole configuration.
* **10**: Indicates the specific dimensions/profile in the series.
* **C2**: Refers to the thermal interface material (TIM) or specific finish/performance grade.
* **R0**: Indicates the revision or specific packaging standard.
---
### 3. Key Features
* **XCUT Fin Design:** The fins are cut in a cross pattern. This allows for multi-directional airflow, making it ideal for systems where air may come from different angles or is turbulent.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, this uses a precise spring-loaded pin mechanism. This ensures constant pressure on the chip for optimal heat transfer.
* **Pre-assembled:** Most parts in this series come with the spring and pin pre-attached, reducing assembly time on the production line.
* **High-Performance TIM:** Usually comes with pre-applied Thermal Interface Material (like T766) to ensure high conductivity between the heat source and the aluminum.
---
### 4. Common Applications
This heat sink is typically found in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Embedded Systems:** For industrial computers where airflow might be restricted.
* **Power Supplies:** Managing heat in voltage regulators or MOSFETs.
* **Telecom Equipment:** Used on PCBs where high reliability and vibration resistance (provided by the push-pins) are required.
- ⤷
What are the specific mounting hole dimensions required for the ATS-12D-10-C2-R0?
- ⤷ How does the thermal resistance change at higher airflow speeds (LFM)?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 finish options in this series?