ATS-12D-153-C2-R0
AI

The **ATS-12D-153-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **blueICE™** or **pushPIN™** family, designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-12D-153-C2-R0 |
| **Thermal Resistance** | 4.05°C/W (at 100 LFM) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Attachment Type** | pushPIN™ (Spring Loaded) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Component Parts
#### A. The Heat Sink Body
* **Design:** This model typically utilizes a **Fine Pitch** or **Cross-Cut** fin pattern. This increases the surface area available for heat dissipation while maintaining low pressure drop for air flowing through the system.
* **Material:** Made from **Aluminum 6063**, which offers a balance between high thermal conductivity and structural rigidity.
* **Anodization:** The "Blue Anodized" finish is not just for aesthetics; it provides a protective layer against corrosion and slightly increases emissivity for better radiant heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or complicated screws, this part uses the ATS pushPIN™ system:
* **Brass/Plastic Pins:** Used to secure the heat sink to the PCB (Printed Circuit Board) through pre-drilled holes.
* **Stainless Steel Springs:** Provide "Precise Compression Force," ensuring that the heat sink stays in firm contact with the component without cracking the silicon die.
#### C. Thermal Interface Material (TIM)
The suffix **C2** indicates that the part comes with **T766 thermal grease** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Performance:** T766 is a high-performance phase-change or grease material that optimizes the heat transfer path.
---
### 3. Applications
This specific size (40mm x 40mm) is commonly used for:
* **Northbridge/Southbridge** chips on motherboards.
* **FPGAs and ASICs** in networking equipment.
* **Industrial Power Supplies** where passive or forced-air cooling is required.
---
- ⤷
What are the different types of pushPIN attachments available for this series?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with a different pad?