ATS-12D-196-C2-R0
AI

The **ATS-12D-196-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" attachment series designed for cooling integrated circuits (ICs).
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Resistance** | 18.11°C/W (undirected flow) to 2.47°C/W (at 800 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Cross-Cut)
This model features a **cross-cut fin design**. Unlike straight-fin heat sinks, the grid pattern allows for airflow from any direction (omnidirectional). This is critical in crowded PCB environments where airflow might be turbulent or unpredictable.
### B. Attachment Mechanism (Push-Pin)
* **Brass Push-Pins:** These provide a secure, vibration-resistant connection to the PCB.
* **Compression Springs:** The springs ensure consistent downward pressure (clamping force) on the electronic component, which optimizes the thermal transfer between the chip and the heat sink.
### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a high-performance thermal grease/pad that fills microscopic air gaps between the heat sink base and the electronic chip (CPU, GPU, or FPGA), significantly reducing thermal resistance.
---
## 3. Performance Analysis
The efficiency of the ATS-12D-196-C2-R0 is highly dependent on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200** | 6.11 |
| **400** | 3.97 |
| **600** | 3.01 |
| **800** | 2.47 |
---
## 4. Typical Applications
* **BGA Cooling:** Ball Grid Array packages like FPGAs and DSPs.
* **Network Equipment:** Routers and switches with high-heat-density chips.
* **Embedded Systems:** Industrial PCs where mechanical stability (push-pins) is required due to vibration.
- ⤷How do I calculate the required LFM for my specific chip wattage?
- ⤷ What are the benefits of Blue Anodized finish beyond aesthetics?
- ⤷ Is the T766 thermal interface material replaceable if the heat sink is moved?