ATS-12D-30-C2-R0
AI

The **ATS-12D-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number itself encodes specific mechanical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass pins with plastic caps) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 5.31°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 57.0mm x 57.0mm x 25.0mm |
| **Fin Style** | Tapered Fin (Cross-cut) |
---
### 2. Design Characteristics
This component is engineered for optimized airflow and secure mechanical mounting:
* **Tapered Fin Design:** The "maxiFLOW" geometry features a flared fin structure that increases the surface area while reducing pressure drop, making it more efficient in forced-air environments.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, this model uses a precision-engineered push-pin system. This ensures consistent pressure across the thermal interface material (TIM) for better heat transfer.
* **Material and Coating:** It is made from extruded aluminum for lightweight thermal conductivity and finished with a **blue anodized** coating to prevent corrosion and increase emissivity.
---
### 3. Application Use Cases
The ATS-12D-30-C2-R0 is typically used in environments where electronic components generate significant heat in a confined space:
1. **Telecommunications:** Cooling line cards or high-speed networking switches.
2. **Industrial PCs:** Maintaining safe operating temperatures for processors in rugged enclosures.
3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators or power modules.
---
### 4. Thermal Performance Table
*Performance varies based on airflow speed (Measured in Linear Feet per Minute - LFM):*
| Airflow Velocity (LFM) | 200 | 400 | 600 | 800 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 5.31 | 3.39 | 2.50 | 2.11 |
- ⤷
How does the pushPIN™ mounting system compare to traditional adhesive tapes?
- ⤷ What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ Are there alternative fin heights available for the ATS-12D series?