Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12D-60-C2-R0

  • AI
    The **ATS-12D-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS. Below are the key technical details for this model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Thermal Resistance** | 1.45°C/W (at 200 LFM) | | **Airflow Path** | Cross-Cut (Omni-directional) | --- ### 2. Breakdown of the Component Parts The ATS-12D-60-C2-R0 is not just a block of metal; it is a system consisting of several electronic-mechanical parts: #### A. The Heat Sink Body * **Design:** It utilizes a "high-performance" fin design. The 40mm square base is optimized for mid-to-high power density components. * **Cross-Cut Fins:** Unlike straight fins, cross-cut fins allow air to enter from any direction, making it ideal for systems where the internal airflow direction might be unpredictable. #### B. The pushPIN™ Attachment System * **Compression Springs:** These ensure constant, uniform pressure across the thermal interface material (TIM). This is critical for maximizing heat transfer from the silicon to the aluminum. * **Nylon/Brass Pins:** These secure the heat sink to the Printed Circuit Board (PCB) through pre-drilled holes. #### C. Thermal Interface Material (TIM) * The "-R0" designation typically indicates that the part comes with **T766 Phase Change Material** or a similar high-performance thermal pad pre-applied to the base. This eliminates the need for manual application of thermal paste. --- ### 3. Application Use Cases This specific part is widely used in the following electronic sectors: 1. **Telecommunications:** Cooling of networking ASICs and high-speed switches. 2. **Industrial Computing:** Passive cooling for embedded processors. 3. **Power Electronics:** Managing heat for Voltage Regulator Modules (VRMs). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized coatings in terms of thermal performance?
    • ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
    • ⤷ What is the mounting hole pitch required on the PCB for the pushPIN system?