Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12D-70-C2-R0

  • AI
    The **ATS-12D-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Dimensions (L x W x H)** | 45mm x 45mm x 25mm | | **Thermal Resistance** | 8.70°C/W (at 100 LFM) | | **Flow Direction** | Vertical / Omni-directional (Pin Fin) | --- ### 2. Key Design Components #### A. Pin Fin Geometry Unlike traditional "Straight Fin" heat sinks, this model uses a **Pin Fin** design. - **Efficiency:** The pins create turbulence in the airflow, which breaks down the boundary layer of air and increases heat transfer efficiency. - **Omni-directional:** It is effective regardless of the direction of the airflow, making it ideal for systems with complex internal air currents. #### B. pushPIN™ Attachment System This part utilizes a specific mounting mechanism: - **Spring-loaded Pins:** Provides consistent pressure (force) on the component, ensuring an optimal thermal interface. - **Reliability:** It prevents the heat sink from shifting during vibration or shipping. - **Ease of Use:** Allows for quick installation and removal compared to adhesive tapes. #### C. Thermal Interface Material (TIM) The "R0" suffix usually denotes the inclusion of a pre-applied **Thermal Interface Material** (like T766 or a similar phase-change material). This fills the microscopic air gaps between the heat sink and the electronic chip to improve heat conductivity. --- ### 3. Application Use Cases * **Integrated Circuits (ICs):** Cooling FPGAs, ASICs, and high-speed processors. * **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. * **Telecom Hardware:** Used in switches and routers where high-density heat dissipation is required in a small footprint. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
    • ⤷ How does the 'C2' designation in the part number affect its thermal properties?
    • ⤷ What are the recommended airflow speeds (LFM) for optimal performance of this model?