ATS-12D-77-C2-R0
AI

The **ATS-12D-77-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Thermal Resistance** | 9.30°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface (TIM)** | T766 (High Performance) |
---
### 2. Key Components & Features
#### A. Fin Geometry (Super Fine Pitch)
The "77" in the part number indicates the fin configuration. This model uses a **dense fin array** designed to maximize surface area for heat dissipation within a small footprint (25x25mm).
#### B. PushPIN™ Attachment System
Instead of using adhesive tape or standard screws, this part uses a spring-loaded push-pin system.
* **Benefits:** Ensures constant pressure on the component, improving thermal transfer.
* **Reliability:** Prevents the heat sink from shifting due to vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application and ensures a bubble-free contact between the component and the heat sink.
---
### 3. Thermal Performance Analysis
Thermal resistance measures how effectively the part moves heat away from the silicon. Lower numbers are better.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.30 |
| 300 (1.5 m/s) | 5.21 |
| 500 (2.5 m/s) | 4.17 |
| 700 (3.5 m/s) | 3.59 |
---
### 4. Part Number Decoding
`ATS-12D-77-C2-R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **12:** Series (Standard pushPIN).
* **D:** Attachment type (Plastic push-pin).
* **77:** Fin pattern/height designation.
* **C2:** Material/Finish (Blue Anodized Aluminum).
* **R0:** Revision code.
- ⤷
What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material?
- ⤷ How does 'Blue Anodized' finish affect the thermal emissivity of the part?