ATS-12D-83-C2-R0
AI

The **ATS-12D-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Heat Sink | Passive cooling device |
| **Material** | Aluminum | High thermal conductivity & lightweight |
| **Attachment Method** | pushPIN™ | Spring-loaded plastic/brass pins |
| **Finish** | Blue Anodized | Increases surface area & corrosion resistance |
| **Dimensions** | 30 x 30 x 20 mm | Compact square footprint |
| **Fin Style** | Straight Fin | Optimized for linear airflow |
| **Thermal Resistance** | 1.62 °C/W (@ 100 LFM) | Rate of heat transfer efficiency |
---
## 2. Key Components & Technology
### A. pushPIN™ Attachment
Unlike traditional adhesive tapes, this part uses the **pushPIN™** system.
- It consists of a spring-loaded mechanism that provides precise pressure (7-10 lbs) on the electronic component.
- This ensures a high-quality thermal interface between the heat sink and the chip.
### B. Material and Coating
- **Aluminum 6063:** The base metal offers a balance between cost and thermal performance.
- **Blue Anodization:** This is not just for aesthetics; the chemical coating improves emissivity and protects the aluminum from oxidation in harsh environments.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the pre-applied thermal material.
- **ATS-PPS-12:** This specific model usually comes with a pre-applied thermal pad or phase-change material to eliminate the need for external thermal paste.
---
## 3. Application Use Cases
This heat sink is commonly found in industrial and consumer electronics where space is limited but heat generation is high:
1. **Embedded Systems:** Single-board computers and industrial controllers.
2. **Telecommunications:** Network switches and routers.
3. **Power Electronics:** Cooling MOSFETs or voltage regulators.
---
## 4. Performance Metrics
Thermal performance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 1.62 |
| 200 | 1.0 | 1.30 |
| 400 | 2.0 | 1.05 |
- ⤷
How do I calculate the correct spring tension for a pushPIN heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal terms?
- ⤷ Can this heat sink be used for active cooling with an attached fan?