ATS-12D-84-C2-R0
AI

The **ATS-12D-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient heat dissipation from integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | ATS-PPS-12 |
| **Thermal Resistance** | 7.00°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Fine-Pitch (Straight) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance from surrounding components.
* **Length (A):** 30.00 mm
* **Width (B):** 30.00 mm
* **Height (C):** 25.00 mm
* **Pitch (E):** 35.00 mm (Distance between mounting holes)
* **Pitch (F):** 35.00 mm
---
### 3. Key Features and Mechanical Design
#### A. Attachment System (pushPIN™)
This part utilizes a standardized push-pin mechanism. This allows for:
* **Uniform Pressure:** The pre-assembled springs ensure consistent pressure across the interface material, improving thermal transfer.
* **Ease of Assembly:** Quick installation into pre-drilled PCB holes without the need for complex mounting hardware.
#### B. Thermal Interface Material (TIM)
The suffix **C2** typically indicates that the heat sink comes with a pre-applied high-performance thermal interface material (T-726), which eliminates the need for manual thermal paste application.
#### C. Fin Design
The **Straight Fin** design is optimized for environments with consistent airflow. The fine-pitch fins maximize surface area while maintaining a low profile, making it suitable for compact electronic enclosures.
---
### 4. Typical Applications
* **Microprocessors (CPUs) and GPUs:** Small-form-factor cooling.
* **FPGAs & ASICs:** Cooling high-speed logic devices in networking equipment.
* **Power Supplies:** Heat dissipation for voltage regulators and power transistors.
* **Industrial Electronics:** Ensuring stability in high-ambient temperature environments.
- ⤷
What are the specific thermal resistance values for this heat sink at different airflow speeds (LFM)?
- ⤷ Is the ATS-12D-84-C2-R0 compatible with standard 2.0mm or 3.0mm PCB holes?
- ⤷ Does this model support custom spring tensions for different mechanical requirements?