ATS-12D-85-C2-R0
AI

The **ATS-12D-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Thermal Resistance** | 1.30°C/W (at 200 LFM) |
| **Pressure Drop** | 0.12 in-H2O (at 200 LFM) |
---
## 2. Key Electronic Features
### A. maxiFLOW™ Fin Geometry
The fins are designed with a unique "flared" spread. In electronic cooling, this design increases the surface area while maintaining a low pressure drop, allowing for more efficient airflow transition through the heat sink.
### B. pushPIN™ Attachment System
Rather than using messy thermal adhesives or simple clips, this model uses a **pushPIN™** mechanism.
- **Spring-loaded:** Ensures consistent pressure between the heat sink and the electronic chip.
- **Reliability:** Prevents the component from shifting during mechanical shock or vibration.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change thermal interface material that fills microscopic air gaps between the heat sink base and the electronic component, significantly reducing contact resistance.
---
## 3. Application Use Cases
This specific heat sink is typically used for cooling:
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and high-current MOSFET modules.
---
- ⤷
What is the significance of 'Blue Anodized' in terms of thermal performance?
- ⤷ How do I calculate if the 1.30°C/W thermal resistance is sufficient for my 50W chip?
- ⤷ Are there alternative mounting options if pushPIN holes are not on my PCB?