ATS-12F-06-C3-R0
AI

The **ATS-12F-06-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs by dissipating heat into the surrounding air.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Fine Pitch (straight fins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
| **Thermal Resistance** | ~2.0°C/W (at 200 LFM) |
---
### 2. Core Components and Design
#### A. The Heat Sink Body
The body is constructed from **Aluminum**. Aluminum is used because it provides a balance between high thermal conductivity and low weight. The **Blue Anodized** finish isn't just for aesthetics; it provides corrosion resistance and increases surface emissivity, which slightly improves radiant heat transfer.
#### B. The Fin Geometry
This model uses a **Fine Pitch** fin design.
- **Purpose:** Maximizes the surface area available for convection.
- **Application:** It is most effective in systems with active airflow (fans) rather than passive, natural convection environments.
#### C. Push-Pin Attachment Mechanism
The "R0" designation refers to the mounting hardware.
- **Push-Pins:** These provide a secure, standardized attachment to the PCB.
- **Springs:** Brass springs ensure a consistent **downward pressure** on the component. This is critical because inconsistent pressure leads to air gaps, which act as thermal insulators.
#### D. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**.
- This is a high-performance thermal tape or grease designed to fill microscopic air gaps between the heat source (the chip) and the heat sink base.
---
### 3. Part Number Decoder
Understanding the manufacturer's logic helps in identifying its features:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **12F** | Product Series (High-performance series) |
| **06** | Specific Model/Size Code |
| **C3** | Thermal Interface Material (T412) |
| **R0** | Finish and Mounting Hardware specification |
---
### 4. Applications
The ATS-12F-06-C3-R0 is typically found in:
* **Networking Gear:** Routers and switches.
* **Industrial PCs:** Embedded systems requiring stable cooling.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What is the significance of the 'T412' thermal interface material compared to others?
- ⤷ How do I calculate the airflow (LFM) required for this heat sink?
- ⤷ What are the PCB hole requirements for the push-pin mounting?