ATS-12F-12-C2-R0
AI

The **ATS-12F-12-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "blue ice" push-pin series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 12.7mm |
| **Fin Style** | Fine Pitch (straight fins) |
---
## 2. Key Components & Design Features
### A. Material and Coating
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodized Finish:** Not only provides aesthetic appeal but also increases surface emissivity, slightly improving radiation heat transfer and protecting against corrosion.
### B. Mechanical Attachment
* **Push-Pins:** This model uses a tool-free push-pin mechanism. It requires pre-drilled holes in the Printed Circuit Board (PCB).
* **Compression Springs:** These ensure consistent "clamping force" (pressure) between the heat sink and the electronic chip, which is critical for efficient heat transfer.
### C. Thermal Interface Material (TIM)
* The unit comes with **T766** pre-applied to the base. This fills the microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance.
---
## 3. Performance Analysis
The efficiency of this heat sink is measured by its **Thermal Resistance** (°C/W). Lower values indicate better cooling.
| Airflow Rate (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| Unducted (300 LFM) | 1.5 | ~2.50 |
| Ducted (500 LFM) | 2.5 | ~1.80 |
---
## 4. Typical Applications
* **Voltage Regulator Modules (VRMs):** Cooling power-heavy components on motherboards.
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Cooling ASICs in networking switches and routers.
- ⤷
What are the PCB hole diameter requirements for the push-pin mounting?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?