ATS-12F-121-C2-R0
AI

The **ATS-12F-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount components.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.48°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Height Off Base)** | 10mm |
| **Fin Type** | Fine Pitch (straight fins) |
---
### 2. Key Design Features
The "C2" and "R0" designations in the part number refer to specific material and environmental compliance standards:
* **Attachment Style:** It uses the **pushPIN™** system. This consists of a plastic or brass pin and a compression spring. This design provides specific pressure to the component, ensuring high thermal interface performance.
* **Fin Configuration:** The fins are designed in a dense pattern to maximize surface area within a low-profile (10mm) height, making it ideal for tight enclosures.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal phase-change material or grease.
* **Material:** Made from 6063 aluminum, which offers a good balance between thermal conductivity and structural rigidity.
---
### 3. Application Use Cases
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Computing:** Dissipating heat from CPUs or FPGAs in industrial computers.
3. **Power Electronics:** Cooling MOSFETs or power modules.
4. **Networking:** Use in servers where vertical space is limited but airflow is consistent.
---
### 4. Thermal Performance Comparison
The efficiency of the heat sink changes based on the airflow velocity (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 9.48 | 4.47 | 3.44 |
- ⤷
What are the different types of Push-Pin materials available for this heat sink?
- ⤷ How does the T766 Thermal Interface Material compare to standard thermal paste?
- ⤷ Are there taller versions of the ATS-12F series for higher heat dissipation?