ATS-12F-14-C2-R0
AI

The **ATS-12F-14-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are critical in preventing integrated circuits (ICs) from overheating.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 20.00mm |
| **Thermal Resistance** | 9.97°C/W (@ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Interface Material** | T766 (Thermal Tape/Grease) |
| **Fin Style** | Blue Anodized Cross-Cut |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **12F:** Series designation (likely refers to the fin pattern or family).
* **14:** Specific model size/configuration.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision code or packaging indicator.
---
### 3. Electronic Design Features
#### A. Cross-Cut Fin Design
Unlike straight fins, the **cross-cut** pattern creates a matrix of small square pillars. This increases surface area and allows for "multi-directional" airflow. In a crowded PCB environment where air might come from different angles, this design is more efficient than linear fins.
#### B. Push-Pin Attachment Mechanism
This part uses a **Brass Push-Pin** with a compression spring. This is preferred in electronic assembly for several reasons:
1. **Constant Pressure:** The spring ensures the heatsink maintains a consistent force against the chip, optimizing thermal transfer.
2. **Reliability:** It is more secure than thermal adhesive (tape) in high-vibration environments.
3. **Pre-Drilled Holes:** It requires two specific holes on the PCB for mounting.
#### C. Thermal Interface Material (TIM)
The "R0" variant typically comes with **T766** pre-applied. This is a high-performance thermal phase-change material that fills the microscopic air gaps between the heatsink base and the electronic component (CPU, FPGA, or GPU).
---
### 4. Typical Applications
This heatsink is commonly found in the following electronic systems:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial motherboards and controllers.
* **Power Electronics:** Voltage regulators and high-density power modules.
- ⤷
What are the PCB hole diameter requirements for the brass push-pins used in this model?
- ⤷ How does the thermal resistance of this heatsink change as airflow (LFM) increases?
- ⤷ Is there a version of this heatsink with a different height for low-profile applications?