ATS-12F-15-C2-R0
AI

The **ATS-12F-15-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure they operate within safe temperature ranges.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Heat Sink Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 15.00 mm |
| **Thermal Resistance** | 10.77°C/W (Unducted @ 100 LFM) |
---
### 2. Breakdown of the Model Number
Understanding the nomenclature helps identify the physical and thermal characteristics:
* **ATS-12**: Refers to the specific series/family of heat sinks.
* **F**: Likely represents the fin density (Fine pitch).
* **15**: Indicates the **height** of the heat sink (15 mm).
* **C2**: Refers to the **Thermal Interface Material (TIM)** and hardware. "C2" usually signifies T766 phase-change material is pre-applied.
* **R0**: Refers to the RoHS compliance and revision status.
---
### 3. Electronic Design Benefits
* **pushPIN™ Attachment:** This model uses a specialized push-pin mechanism with a flexible spring. This provides the precise pressure required to optimize thermal transfer without damaging the PCB or the silicon die.
* **High Performance Fin Design:** The fin geometry is optimized for "cross-cut" airflow, meaning it can handle air coming from multiple directions, which is common in crowded server or industrial chassis.
* **Pre-applied TIM:** Because it comes with thermal interface material (C2) already on the base, it reduces assembly time and ensures a uniform, bubble-free layer between the heat source and the aluminum.
* **Material Efficiency:** Using aluminum provides a high strength-to-weight ratio and excellent thermal conductivity while remaining cost-effective compared to copper.
---
### 4. Common Applications
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where vertical space is limited to 15mm.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the alternative attachment methods for heat sinks if push-pins are not suitable?
- ⤷ How does the 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied C2 material?