ATS-12F-17-C2-R0
AI

The **ATS-12F-17-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. | Series: pushPIN™ |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin for consistent pressure |
| **Dimensions** | 45mm x 45mm x 12.7mm | (L x W x H) |
| **Thermal Resistance** | 15.44 °C/W (at 100 LFM) | Lower is better for heat dissipation |
| **Airflow Design** | XC (Extra Coarse) | Designed for specific airflow directions |
---
## 2. Key Components & Features
### A. pushPIN™ Attachment System
Unlike adhesive tapes which can fail over time, this part uses the **pushPIN™** system. It consists of:
* **Plastic/Brass Pins:** Inserted through pre-drilled holes in the PCB.
* **Compression Springs:** Ensure a precise, constant force is applied to the component, optimizing the interface between the heat sink and the chip.
### B. Thermal Interface Material (TIM)
This specific model usually comes with **T766** pre-applied.
* **Function:** Fills microscopic air gaps between the heat sink base and the electronic component.
* **Benefit:** Reduces contact resistance and ensures maximum heat transfer.
### C. Fin Geometry (XC Design)
The "XC" designation refers to the fin pattern.
* **Pitch:** Optimized for "Extra Coarse" airflow.
* **Compatibility:** Works best in systems with moderate-to-high airflow environments where air can pass through the fins easily without creating high back-pressure.
---
## 3. Physical Dimensions (mm)
| Dimension | Value (mm) |
| :--- | :--- |
| **A (Length)** | 45.00 |
| **B (Width)** | 45.00 |
| **C (Height)** | 12.70 |
| **E (Pitch)** | 38.00 |
| **F (Pitch)** | 38.00 |
---
## 4. Application Use Cases
* **Integrated Circuits (ICs):** Cooling high-speed processors or FPGAs.
* **Power Supplies:** Managing heat in voltage regulators and MOSFETs.
* **Embedded Systems:** Ideal for low-profile industrial PC builds due to its 12.7mm height.
- ⤷
What are the installation requirements for the pushPIN™ system on a PCB?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be customized for different thermal interface materials (TIM)?