Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12F-172-C2-R0

  • AI
    The **ATS-12F-172-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-aspect-ratio fin design which maximizes surface area for cooling. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Fin Type** | maxiFLOW (Tapered Fin) | | **Dimensions (L x W x H)** | 30mm x 30mm x 15mm | | **Thermal Resistance** | 5.71°C/W @ 200 LFM (Linear Feet per Minute) | | **Attachment Method** | pushPIN™ | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Key Electronic & Mechanical Components #### A. Fin Design (maxiFLOW™) The "maxiFLOW" geometry features a spread-fin pattern. Unlike standard straight fins, these are angled and tapered to: * Increase surface area without increasing the physical footprint. * Reduce pressure drop, allowing air to flow more easily through the sink. * Maximize "scrubbing" of the air to pull more heat away from the electronic component (CPU, GPU, or FPGA). #### B. pushPIN™ Attachment System This part uses a specific mechanical attachment system rather than adhesive tape. * **Hardware:** It typically includes a brass or plastic pin with a stainless steel spring. * **Benefits:** This ensures a consistent "clamping force" (pressure) on the electronic chip, which is critical for efficient heat transfer across the thermal interface. #### C. Thermal Interface Material (TIM) The "C2" in the part number indicates it comes with **T766** pre-applied. * **Function:** It fills microscopic air gaps between the bottom of the heat sink and the top of the electronic component. * **Property:** T766 is a high-performance phase-change material that offers low thermal impedance. --- ### 3. Applications This heat sink is typically found in: 1. **Telecommunications:** Cooling for high-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high. 3. **Power Supplies:** Cooling MOSFETs or power regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the pushPIN attachment and thermal adhesive tape for this model?
    • ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of the ATS-12F-172-C2-R0?
    • ⤷ What is the weight of this heat sink
    • ⤷ and does it impact PCB mechanical stability?