ATS-12F-174-C2-R0
AI

The **ATS-12F-174-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components such as processors, GPUs, and other high-heat-generating ICs (Integrated Circuits).
---
## 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Heat Sink Type** | Push-pin (Cross-Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Thermal Resistance** | 4.02 °C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Features and Components
### A. Push-Pin Mounting System
The "12F" in the part number refers to the specific push-pin and spring mechanism. This design provides:
* **Constant Pressure:** A high-tension spring ensures uniform contact between the heat sink and the component.
* **Ease of Assembly:** Quick installation through pre-drilled holes on the PCB without the need for tools.
### B. Fin Design (Cross-Cut)
The heat sink features a **cross-cut** fin pattern. This is superior to standard straight fins because:
* It allows for omnidirectional airflow (air can enter from any side).
* It increases the surface area for heat dissipation.
* It creates more turbulence, which helps strip heat away from the fins more effectively.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a thermal pad or paste designed to fill microscopic air gaps between the heat source (the chip) and the aluminum base of the heat sink, significantly reducing thermal resistance.
---
## 3. Part Number Breakdown (Nomenclature)
| Prefix/Code | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **12F** | Attachment style (Push-pin type and size) |
| **174** | Specific series/geometric profile |
| **C2** | Material/Finish (Blue Anodized Aluminum) |
| **R0** | RoHS Compliant / Revision code |
---
## 4. Typical Applications
This specific component is commonly found in:
* **Networking Hardware:** High-speed routers and switches.
* **Industrial PCs:** Embedded systems requiring passive or active cooling.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What are the PCB hole diameter requirements for the ATS-12F push-pin system?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ What is the weight of the ATS-12F-174-C2-R0 for vibration sensitivity calculations?