ATS-12F-176-C2-R0
AI

The **ATS-12F-176-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.40°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific features of the component:
* **ATS-12**: Product series (Advanced Thermal Solutions).
* **F**: Fin pitch/density indicator.
* **176**: Specific model geometry index.
* **C2**: Material/Finish (Blue Anodized or Black Anodized depending on sub-series; C2 usually denotes Aluminum with a specific finish).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive, its role in an electronic system is vital:
* **Heat Dissipation:** It increases the surface area of the heat source, allowing airflow to carry away thermal energy.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) of a semiconductor below its maximum limit, it prevents thermal throttling and hardware failure.
* **maxiFLOW™ Geometry:** The tapered fin design is engineered to maximize airflow intake and reduce pressure drop, making it highly efficient in forced-air environments (fan-cooled systems).
* **Mechanical Stability:** The **pushPIN™** attachment ensures consistent pressure on the component, which is critical for the efficiency of the Thermal Interface Material (TIM).
---
### 4. Application Use Cases
This specific part is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial PC boards and motherboards.
3. **Power Electronics:** Power supply modules requiring compact cooling.
- ⤷
What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can the T766 thermal interface material be reused if the heat sink is removed?