ATS-12F-186-C2-R0
AI

The **ATS-12F-186-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
## 🛠️ Technical Specifications
This component belongs to the **maxiFLOW™** series, designed to provide low thermal resistance and maximum cooling efficiency for electronic components like CPUs, GPUs, or FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-12F-186-C2-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Tapered Fin (maxiFLOW) |
| **Thermal Resistance** | 2.80°C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
## 🧩 Key Components & Features
### 1. The Heat Sink Body
* **Material:** Extruded aluminum, which offers a balance between thermal conductivity and weight.
* **Fin Design:** It uses a **tapered fin** design. This allows for high-velocity airflow to pass through the fins while maintaining a large surface area for heat dissipation.
* **Coating:** Black Anodized finish increases emissivity and protects the aluminum from corrosion.
### 2. pushPIN™ Attachment System
Instead of simple adhesive or clips, this model uses a **pushPIN™** mechanism:
* **Spring-loaded bolts:** These ensure consistent pressure between the heat sink and the component.
* **Reliability:** It prevents the heat sink from shifting during vibration or shipping.
* **Installation:** Requires pre-drilled holes on the PCB (Printed Circuit Board).
### 3. Thermal Interface Material (TIM)
* The **C2** in the part number indicates the specific TIM used: **T766**.
* This is a pre-applied phase-change material or high-performance grease that fills microscopic air gaps between the chip and the heat sink base to ensure efficient heat transfer.
---
## 📉 Thermal Performance Data
Thermal resistance measures the component's ability to dissipate heat. Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.80 |
| 2.0 m/s (400 LFM) | 1.76 |
| 3.0 m/s (600 LFM) | 1.43 |
---
### Application Note
This specific part is often used in **Telecommunications**, **Networking**, and **Industrial Computing** where components are housed in enclosures with active airflow (fans).
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the T766 TIM compare to other thermal materials?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?