ATS-12F-189-C2-R0
AI

The **ATS-12F-189-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Thermal Resistance** | 2.43°C/W (at 100 LFM) |
---
## 2. Key Components & Features
### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which provides an optimal balance between weight, thermal conductivity, and cost. It uses a **Cross-Cut fin design**, which allows for multi-directional airflow, making it versatile for different system layouts.
### B. Attachment System (Push-Pins)
Unlike adhesive-based heat sinks, the "C2" designation refers to a specific attachment kit:
* **Mechanism:** Plastic or brass push-pins with a compression spring.
* **Benefit:** Provides a precise and consistent pressure (load) on the processor, ensuring optimal thermal interface material (TIM) performance.
* **Hole Pattern:** Designed for specific PCB hole spacing.
### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **T766** phase-change material or high-performance thermal pad pre-applied to the base.
* **Function:** It fills microscopic air gaps between the component (CPU/GPU) and the heat sink base to maximize heat transfer.
---
## 3. Physical Dimensions
| Dimension | Value |
| :--- | :--- |
| **Length/Width** | 45.00 mm x 45.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | 50.00 mm (Pin-to-Pin spacing) |
---
## 4. Part Number Breakdown (Nomenclature)
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **12:** Series (Standard pushPIN™)
* **F:** Fin Type (Fine)
* **189:** Dimensional Code
* **C2:** Thermal Interface Material / Attachment Kit type
* **R0:** RoHS compliant (Standard packaging/revision)
- ⤷
What is the significance of the 2.43°C/W thermal resistance rating in practical use?
- ⤷ Can this heat sink be reused if the push-pins are removed?
- ⤷ How does the cross-cut fin design compare to straight fin designs for airflow?