ATS-12F-208-C2-R0
AI

The **ATS-12F-208-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Push-Pin Heat Sink (Blue Anodized) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic/Brass) with Compression Spring |
| **Fin Style** | XC-Cut (Cross-Cut) |
| **Thermal Resistance** | 6.69°C/W @ 100 LFM |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Components & Design
### A. XC-Cut Fin Design
The "XC-Cut" indicates a cross-cut fin pattern. Unlike straight fins, these provide a larger surface area and allow for multi-directional airflow. This makes the heat sink effective even if the airflow in the chassis is not perfectly aligned with the fins.
### B. Push-Pin Attachment System
This model utilizes a mechanical attachment system rather than adhesive tape.
* **Reliability:** Provides constant pressure for better thermal contact.
* **Installation:** Requires pre-drilled holes in the PCB.
* **Springs:** The "C2" in the part number often indicates a specific spring force to ensure the component isn't crushed while maintaining contact.
### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance phase-change material or grease that fills microscopic air gaps between the component and the heat sink base, significantly reducing thermal impedance.
---
## 3. Thermal Performance Profile
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Static)** | 6.69 |
| **200 (Low Flow)** | 4.64 |
| **400 (Active Cooling)** | 3.36 |
| **600 (High Performance)** | 2.82 |
---
## 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed ASICs.
* **Embedded Systems:** Industrial PCs where space is limited (10mm height is "Low Profile").
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
How do I determine if the 54x54mm footprint fits my specific PCB layout?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes for these heat sinks?
- ⤷ Can the Push-Pin be replaced with an adhesive mount if my PCB lacks holes?