ATS-12F-209-C2-R0
AI

The **ATS-12F-209-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed by Advanced Thermal Solutions (ATS). It is engineered for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | Push-Pin (Brass, with 10-step compression) |
| **Thermal Resistance** | 6.27°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 10mm |
| **Fin Type** | Straight Fin |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe the component's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **12F**: Denotes the specific series or product family.
* **209**: Refers to the physical dimensions and fin configuration.
* **C2**: Indicates the material and finish (typically Aluminum with a Blue Anodized coating).
* **R0**: Refers to the revision level or packaging standard.
---
### 3. Key Electronic Functions
While the heat sink itself is passive, its role in an electronic system is critical for stability and longevity:
1. **Heat Dissipation:** It increases the surface area of the component it is mounted to, allowing air to carry away heat generated by high-speed switching transistors.
2. **Thermal Interface:** It includes a pre-applied **Phase Change Material (T766)**, which ensures there are no microscopic air gaps between the heat sink and the electronic chip, maximizing heat transfer efficiency.
3. **Mechanical Attachment:** The push-pin mechanism uses a specialized spring system that provides consistent pressure. This prevents the heat sink from shifting during vibration or thermal expansion, which could otherwise damage delicate silicon dies.
---
### 4. Implementation Code Example
In thermal modeling software (like Python-based simulation), you might represent this component's thermal resistance as follows:
```python
# Simple Thermal Resistance Calculation for ATS-12F-209-C2-R0
power_dissipation_watts = 15.0 # Heat generated by the chip
ambient_temp = 25.0 # Room temperature in Celsius
thermal_resistance = 6.27 # °C/W for this specific ATS model
# Calculate Junction Temperature
junction_temp = ambient_temp + (power_dissipation_watts * thermal_resistance)
print(f"Expected Junction Temperature: {junction_temp}°C")
```
- ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Is the T766 thermal interface material conductive?