ATS-12F-27-C2-R0
AI

The **ATS-12F-27-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 70.00 mm x 70.00 mm |
| **Height (Fin Depth)** | 12.70 mm |
| **Attachment Type** | pushPIN™ |
| **Pitch / Pattern** | 63.00 mm x 63.00 mm |
| **Thermal Resistance** | 12.24°C/W (Unducted @ 100 LFM) |
---
### 2. Component Breakdown
#### A. Fin Design (Cross-Cut)
The ATS-12F-27-C2-R0 utilizes a **Cross-Cut** fin pattern. This design allows for:
* **Multidirectional Airflow:** Unlike straight-fin heat sinks, cross-cut fins can receive airflow from multiple directions, making them ideal for systems with complex internal air currents.
* **Increased Surface Area:** Maximizes the contact between the aluminum and the air to dissipate heat faster.
#### B. The pushPIN™ Attachment System
This part uses a specific mounting mechanism rather than thermal adhesive. It includes:
* **Pre-assembled Springs:** Ensures precise "Force-to-Board" pressure to maximize thermal interface material (TIM) performance.
* **Compression Springs:** These prevent the heat sink from shifting during vibration or mechanical shock.
* **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes (typically 3mm) on the PCB.
#### C. Material and Finish
* **AL6063 Aluminum:** Provides a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat emissivity.
---
### 3. Part Number Nomenclature (Decoding)
To understand variations of this part, here is how the code is structured:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **12** | Attachment Style / Series |
| **F** | Fin Pitch (F = Fine) |
| **27** | Specific Design Profile |
| **C2** | Thermal Interface Material (C2 = T766 Phase Change) |
| **R0** | RoHS Compliant / Revision Level |
---
### 4. Application Use Case
This heat sink is generally used for **low-profile applications** where vertical space is limited (only 12.7mm high) but the surface area of the chip is large (70x70mm). It is commonly found in:
* Network switches and routers.
* Telecommunications equipment.
* Industrial embedded computing.
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What are the compatible PCB hole diameters for the pushPIN system?