ATS-12F-40-C3-R0
AI

The **ATS-12F-40-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-12F-40-C3-R0 |
| **Attachment Method** | Push Pin (Spring Loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 1.47°C/W (at 200 LFM) |
| **Flow Direction** | Vertical Fin (Straight Fin) |
| **Thermal Interface Material (TIM)** | T412 (High performance) |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which offers high thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity, which aids in radiant heat transfer.
#### B. Attachment Mechanism: Push Pins
Unlike adhesive-based heat sinks, the "12F" series uses a mechanical push-pin system.
* **Reliability:** Provides constant pressure to the component, ensuring consistent contact with the Thermal Interface Material (TIM).
* **Hardware:** It typically uses brass or plastic pins with stainless steel springs to provide the necessary downward force.
#### C. Thermal Interface Material (TIM)
The **C3** designation indicates that the heat sink comes pre-applied with **T412 thermal tape**. This simplifies the assembly process, as the technician does not need to apply separate thermal paste or grease.
---
### 3. Part Number Decoder
Understanding the "ATS-12F-40-C3-R0" syntax helps in identifying its features:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **12F** | Product Family (Push-pin style heat sink) |
| **40** | Footprint dimension (40mm) |
| **C3** | Thermal Interface Material (T412 Tape) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Industrial PCs:** Thermal management for embedded processors.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
4. **FPGA/ASIC:** Providing a stable thermal environment for high-density logic gates.
- ⤷
What are the mounting hole diameter requirements for the ATS-12F series?
- ⤷ How does the thermal resistance of this heat sink change at different airflow speeds (LFM)?
- ⤷ Can the T412 interface material be replaced with high-performance thermal grease?