ATS-12F-44-C2-R0
AI

The **ATS-12F-44-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure attachment to Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The table below summarizes the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass/Plastic options) |
| **Thermal Resistance** | 2.03°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | Fine-Pitch (Rectangular base) |
---
### 2. Key Components & Features
The ATS-12F-44-C2-R0 is engineered for localized cooling of surface-mount components like BGA (Ball Grid Array) chips or MOSFETs.
#### A. Fin Pattern (Cross-Cut)
The heat sink utilizes a specialized fin pattern that allows for multi-directional airflow. This is critical in cramped electronic enclosures where air might not flow in a straight line.
#### B. Push-Pin Attachment
Instead of using thermal adhesive (which can fail over time due to heat cycling), this model uses a mechanical **Push-Pin** system:
* **Compression Spring:** Provides constant pressure to ensure a tight bond between the heat sink and the component.
* **Reliability:** It is more vibration-resistant than adhesive tapes.
#### C. Thermal Interface Material (TIM)
The "C2" suffix in the part number typically indicates that the part comes pre-applied with a thermal interface material (or is compatible with specific ATS thermal pads). This fills microscopic air gaps between the component and the heat sink base to maximize heat transfer.
---
### 3. Application Use Cases
This specific size (25mm x 25mm) is commonly found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial Power Supplies:** Dissipating heat from power transistors.
* **Embedded Systems:** Protecting CPUs in fanless or low-airflow environments.
- ⤷
What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?