ATS-12F-45-C3-R0
AI

The **ATS-12F-45-C3-R0** is a specific electronic cooling component, categorized as a **High-Performance Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to their "maxiFLOW™" series.
---
## 1. Technical Specifications
This component is designed to dissipate heat from surface-mount components, such as CPUs, GPUs, or high-power transistors.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Heat Sink Type** | Fin-style (Flared Fin) |
| **Thermal Resistance** | ~2.50 °C/W (at 200 LFM) |
---
## 2. Key Physical Features
The "12F-45-C3-R0" suffix codes provide specific details about the geometry and material of the part:
* **Flared Fin Design:** The fins spread outwards at the top. This increases the surface area for heat dissipation while reducing air pressure drop, allowing for better airflow through the sink.
* **Push-Pin Attachment:** It uses a spring-loaded pin mechanism (`pushPIN™`). This ensures consistent pressure between the heat sink and the electronic component (IC), improving thermal conductivity.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412** thermal tape or grease to ensure no air gaps exist between the heat sink and the chip.
---
## 3. Dimensions
Understanding the footprint is critical for PCB layout design:
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 15.00 mm
* **Pitch (Hole-to-Hole):** 38.00 mm
---
## 4. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Network Switches/Routers:** Cooling high-speed processing ASICs.
2. **Embedded Systems:** For industrial computers that require passive or low-airflow cooling.
3. **Power Electronics:** Cooling MOSFETs or IGBTs in power conversion modules.
- ⤷
What are the advantages of flared fins over straight fins in thermal management?
- ⤷ How does the pushPIN™ attachment compare to adhesive thermal tape?
- ⤷ Is there a specific airflow requirement (LFM) for this heat sink to be effective?