Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12F-53-C2-R0

  • AI
    The **ATS-12F-53-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and integrated circuits (ICs). --- ### 1. Technical Specifications Below are the primary electronic and physical parameters for this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Product Category** | Heat Sinks | | **Thermal Resistance** | 2.85° C/W @ 200 LFM (Linear Feet per Minute) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 36.83mm x 36.83mm | | **Height (Height off Base)** | 33.00mm | | **Shape** | Square, Fin-style | --- ### 2. Design and Component Breakdown #### A. Fin Geometry (maxiFLOW™) The "maxiFLOW" design features a high-performance **tapered fin** profile. This specific geometry: * Reduces pressure drop across the heat sink. * Maximizes surface area for heat dissipation. * Increases airflow velocity to the cooling surface, which is critical for densely packed electronic PCBs. #### B. Material and Coating * **Aluminum:** Provides a lightweight solution with high thermal conductivity. * **Blue Anodized Finish:** Not only provides aesthetic value but also adds a layer of corrosion resistance and electrical insulation to the surface. #### C. pushPIN™ Attachment System The part uses a specialized attachment mechanism consisting of: 1. **Springs:** Provides precise pressure (compression) to ensure a high-quality thermal interface between the chip and the sink. 2. **Pins:** Secure the heat sink directly to the PCB through pre-drilled holes. --- ### 3. Applications in Electronics The ATS-12F-53-C2-R0 is typically used to cool the following electronic components: * **Processors (CPUs/GPUs):** Small-to-medium-sized processing units. * **ASICs & FPGAs:** Custom logic chips used in telecommunications and data centers. * **Power Transistors:** High-voltage components that generate significant waste heat. --- ### 4. Part Number Breakdown (Nomenclature) * **ATS:** Advanced Thermal Solutions (Manufacturer) * **12F:** Series reference * **53:** Size/Dimension code * **C2:** Blue Anodized finish * **R0:** Revision/Packaging code
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2.85° C/W thermal resistance rating?
    • ⤷ Does this heat sink come with pre-applied thermal interface material (TIM)?
    • ⤷ What are the PCB hole requirements for the pushPIN attachment system?