ATS-12F-72-C3-R0
AI

The **ATS-12F-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.19°C/W (@ 1.0 m/s) |
| **Flow Pattern** | maxiFLOW (Directional fin design) |
---
### 2. Key Electronic & Mechanical Features
#### A. The maxiFLOW™ Design
The "electronic" advantage of this part lies in its fin geometry. Unlike standard square-cut heat sinks, the maxiFLOW™ design features a **flared fin structure**. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly efficient for forced-air cooling environments (fans).
#### B. Attachment Mechanism (pushPIN™)
This part uses a specific mounting system consisting of:
* **Brass Push Pins:** Provides secure attachment to the PCB.
* **Compression Springs:** Ensures consistent pressure between the heat sink and the electronic component (CPU/GPU/FPGA), which is critical for maximizing thermal transfer through the interface material.
#### C. Thermal Interface Material (TIM)
The part typically comes with **T412** phase-change material or similar pre-applied to the base. This fills microscopic air gaps between the chip and the heat sink to ensure efficient heat conduction.
---
### 3. Application Use Cases
This component is designed to cool high-power integrated circuits (ICs). Common applications include:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Power Supplies:** Managing heat in voltage regulators.
* **Industrial PCs:** Providing stability in high-ambient-temperature environments.
---
- ⤷
What is the significance of 'Blue Anodized' coating in thermal management?
- ⤷ How do I calculate if the 5.19°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB does not have holes for pushPINs?