ATS-12F-77-C3-R0
AI

The part number **ATS-12F-77-C3-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The part number is an alphanumeric code that describes the specific physical properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ Heat Sink |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | ~9.42°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 25.00 mm x 25.00 mm |
| **Height** | 30.00 mm |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying its compatibility:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **12**: Internal series identification.
* **F**: Fine pitch fin pattern (optimized for airflow).
* **77**: Specific dimension code (25mm x 25mm footprint).
* **C3**: Thermal Interface Material (TIM) and finish code (usually indicates a high-performance thermal pad/grease is pre-applied).
* **R0**: RoHS compliant version.
---
### 3. Key Electronic Functions
While a heat sink is a mechanical part, it is critical for the "Electronic Health" of a circuit:
1. **Thermal Management**: It prevents **Thermal Throttling**, where a processor slows down its clock speed to reduce heat, ensuring consistent performance.
2. **Component Longevity**: By maintaining a lower junction temperature, it prevents the degradation of semiconductor materials (Arrhenius Equation), extending the Mean Time Between Failures (MTBF).
3. **Mechanical Security**: The "push-pin" design uses a brass or plastic pin with a spring to provide constant downward pressure, ensuring a perfect "wetting" of the thermal interface material between the chip and the aluminum.
---
### 4. Mounting & Installation
The heat sink requires specific PCB holes for installation:
* **Pitch (Hole-to-Hole):** Approximately 30.00 mm.
* **Hardware:** Includes a flexible "push-pin" system that allows for tool-free assembly and prevents over-tightening which could crack a silicon die.
- ⤷
What is the optimal airflow (LFM) required for this specific heat sink?
- ⤷ Are there different mounting pin materials available for the ATS-12 series?
- ⤷ How does 'Fine Pitch' compare to 'Cross-Cut' fin designs in terms of cooling efficiency?