AI

The **ATS-12F-85-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, characterized by its flared fin design.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Thermal Resistance** | 4.50°C/W @ 200 LFM |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height (Off Base)** | 10.00mm |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Electronic Functions
While a heat sink does not process signals, it is a critical "passive" electronic part that ensures the longevity and stability of active components (CPUs, FPGAs, ASICs).
#### A. Thermal Dissipation
The primary function is to increase the surface area of a heat-generating semiconductor. By reducing the junction temperature ($T_j$), it prevents **thermal throttling**—a state where electronic chips slow down their clock speed to protect themselves from damage.
#### B. Flared Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the flared fins on the ATS-12F-85-C3-R0:
* Reduce pressure drop.
* Increase airflow through the fin field.
* Provide superior cooling in constrained spaces with low-to-medium airflow.
#### C. Thermal Interface Material (TIM)
This part comes with **T412** pre-applied. In electronics, the TIM is crucial because it fills microscopic air gaps between the component and the heat sink, ensuring maximum heat transfer efficiency.
---
### 3. Mechanical & Assembly Details
The "R0" suffix denotes specific packaging or revision standards, usually indicating RoHS compliance.
* **Attachment:** It uses a **pushPIN™** system which provides a secure, consistent pressure on the electronic component. This is vital because uneven pressure can crack delicate silicon dies.
* **Pitch:** Designed for specific hole patterns on a PCB (Printed Circuit Board) to ensure the sink aligns perfectly with the chip it is cooling.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
- ⤷ How do I calculate the correct LFM (Linear Feet per Minute) for my specific PCB environment?
- ⤷ Can this heat sink be used with a custom clip instead of the pushPIN system?