ATS-12F-92-C2-R0
AI

The **ATS-12F-92-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Component Features
* **Fin Profile:** This model features **Straight Fins**. Straight fins are optimal for systems with a clear airflow path, providing a high surface area for heat exchange without significantly obstructing air movement.
* **Attachment Mechanism (pushPIN™):**
* It uses a spring-loaded push-pin mechanism.
* This ensures a constant, high-pressure contact between the heat sink and the component, which is critical for efficient thermal transfer.
* **Thermal Interface Material (TIM):**
* It comes with **T766** pre-applied to the base.
* This eliminates the need for manual thermal paste application and ensures uniform coverage.
* **Material:** Made from **AL6063 aluminum**, which offers a balance between high thermal conductivity and structural lightweight properties.
---
### 3. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 16.48 |
| 200 | 1.0 | 6.17 |
| 400 | 2.0 | 3.46 |
| 600 | 3.0 | 2.59 |
---
### 4. Application and Use Cases
This specific heat sink is typically used in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Cooling of high-speed networking chips.
* **Power Electronics:** Dissipating heat from Voltage Regulators or MOSFETs.
---
- ⤷
What is the hole pattern required on the PCB for this heat sink?
- ⤷ Are there alternative versions of this heat sink with higher fin density?
- ⤷ What is the weight of the ATS-12F-92-C2-R0?