Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12G-07-C2-R0

  • AI
    The **ATS-12G-07-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the high-performance heatsink category, specifically designed for cooling integrated circuits (ICs) and other electronic components. --- ### 1. Component Overview This part is a high-performance **aluminum heatsink** utilizing the "push pin" attachment mechanism. It is part of the **maxiFLOW™** product line, which features a flared fin structure to maximize surface area for air cooling. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 45mm x 45mm x 7mm | | **Attachment Type** | Push-Pin (Plastic/Brass) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | ~5.03 °C/W (Unducted Flow @ 200 LFM) | | **Fin Style** | maxiFLOW (Flared Fin) | | **Interface Material** | T766 (Thermal Phase Change Material) | --- ### 3. Key Electronic Functions #### A. Thermal Management The primary role of this part is to dissipate heat generated by active electronic components (like CPUs, FPGAs, or GPUs). By increasing the surface area exposed to moving air, it prevents the component from reaching its **thermal throttling** or **junction temperature** limits. #### B. Mechanical Interface * **Push-Pin Design:** The "-R0" suffix indicates a specific kit configuration. The push-pin system provides a consistent "clamping force" on the chip, ensuring the thermal interface material (TIM) is compressed evenly for maximum heat transfer. * **Pre-applied TIM:** It comes with **T766** thermal material pre-applied to the base, which fills microscopic air gaps between the chip surface and the heatsink base. #### C. Airflow Dynamics The **maxiFLOW™** flared fin geometry is specifically designed to: 1. Reduce pressure drop across the heatsink. 2. Increase air turbulence, which improves the "convective heat transfer coefficient." --- ### 4. Part Number Breakdown (Nomenclature) | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **12G** | Series/Geometry (maxiFLOW Push-Pin) | | **07** | Height (7mm) | | **C2** | Thermal Interface Material (T766) and Color (Blue) | | **R0** | RoHS Compliant / Revision code | --- ### 5. Common Applications * **Networking Equipment:** Routers, switches, and base stations. * **Embedded Systems:** Industrial PCs and automation controllers. * **Consumer Electronics:** High-speed storage (NVMe) or video processing units. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of flared fins over straight fins in thermal management?
    • ⤷ How do I determine the correct hole diameter for the push-pin attachment?
    • ⤷ What is the difference between the C1 and C2 variants for this part number?