ATS-12H-72-C2-R0
AI

The **ATS-12H-72-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically to provide maximum surface area for cooling electronic components in constrained airflow environments.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 31.75mm |
| **Thermal Resistance** | 2.51°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### 2. Key Component Features
#### A. Design Geometry (maxiFLOW™)
The "spread-fin" design is the most distinctive electronic part feature. Unlike standard straight-fin heat sinks, the fins on this model flare outward. This reduces pressure drop and increases the effectiveness of the airflow, making it ideal for cooling high-power BGA (Ball Grid Array) components.
#### B. pushPIN™ Attachment
Instead of using messy adhesives or simple tape, this unit uses a mechanical **pushPIN™** system.
* **Benefits:** Ensures consistent pressure (clamping force) between the heat sink and the processor.
* **Hardware:** Includes a brass pin and a stainless steel spring for durability.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a high-performance thermal pad that changes phase (softens) as it reaches operating temperature, filling microscopic air gaps between the chip and the heat sink to maximize heat transfer.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Hardware:** Switches and routers.
* **Telecommunications:** Base stations and data processing units.
* **Industrial PCs:** Where high-heat CPUs or FPGAs require reliable mechanical mounting.
---
### 4. Thermal Performance Comparison
The efficiency of this part varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 2.51 |
| 400 | 2.0 | 1.64 |
| 600 | 3.0 | 1.47 |
- ⤷
How does the pushPIN™ mounting system compare to standard thermal adhesive?
- ⤷ What are the advantages of blue anodized aluminum in electronic cooling?
- ⤷ Can the T766 interface material be replaced with standard thermal paste?