Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-12H-76-C2-R0

  • AI
    The **ATS-12H-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-density electronic cooling. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-12H-76-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 1.15 °C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm | | **Fin Style** | Straight (Fine Pitch) | --- ### 2. Key Electronic Functions In an electronic system, this part serves several critical roles: * **Heat Dissipation:** It increases the surface area of a heat-generating component (like a CPU, FPGA, or Power MOSFET), allowing air to carry away heat more efficiently. * **Thermal Protection:** By maintaining lower operating temperatures, it prevents "thermal throttling" and extends the lifespan of sensitive semiconductors. * **EMI Shielding (Secondary):** While primarily thermal, the aluminum body can sometimes assist in reducing electromagnetic interference when grounded. --- ### 3. Design and Mounting The "C2" in the part number indicates the **Thermal Interface Material (TIM)** and the "R0" refers to the revision/packaging. 1. **pushPIN™ Attachment:** This model uses a spring-loaded pin mechanism. This provides consistent pressure (load) on the electronic chip, which is vital for optimal heat transfer compared to simple adhesive tapes. 2. **Airflow Optimization:** The straight-fin design is optimized for environments with consistent directional airflow, typically provided by a cooling fan within a chassis. 3. **Material Science:** The Blue Anodized finish is not just aesthetic; it provides surface hardening and modest electrical insulation, while the aluminum core provides high thermal conductivity (approx. 200 W/m·K). --- ### 4. Application Examples * **Network Switches:** Cooling high-speed data processing chips. * **Embedded Systems:** Industrial PCs where space is limited but heat density is high. * **Power Supplies:** Managing heat in DC-DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 1.15 °C/W thermal resistance rating in a circuit design?
    • ⤷ How does the pushPIN™ attachment compare to thermal adhesive in terms of reliability?
    • ⤷ Which specific Thermal Interface Material (TIM) is pre-applied to the C2 series?