ATS-13B-07-C2-R0
AI

The **ATS-13B-07-C2-R0** is a specific electronic component categorized as a **Heat Sink**, designed and manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "push-pin" series and is engineered for high-performance cooling of integrated circuits (ICs) and other electronic chips.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 17.00°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Fin Pattern** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design Details
The ATS-13B-07-C2-R0 is designed with specific mechanical features to ensure efficient heat dissipation:
* **Straight Fin Geometry:** This design allows for maximum airflow through the sink, which is ideal for systems with directed air cooling (fans).
* **Aluminum Construction:** Offers a lightweight profile while maintaining high thermal conductivity.
* **Anodized Finish:** The blue anodized coating increases surface emissivity and provides corrosion resistance.
* **Push-Pin Attachment:** The "C2" designation typically refers to a specific push-pin and spring combination (often brass or plastic) that ensures even pressure across the chip surface for optimal heat transfer.
---
### 3. Part Number Breakdown
Understanding the ATS naming convention helps identify the specific variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **13B** | Series designation (Push-pin style) |
| **07** | Internal dimension/fin configuration code |
| **C2** | Attachment hardware type (Spring/Pin combo) |
| **R0** | RoHS compliance and revision status |
---
### 4. Typical Applications
This heat sink is commonly used in industrial and consumer electronics where space is limited but thermal loads are significant:
* **Processors (CPUs/GPUs):** Small-form-factor logic chips.
* **FPGA & ASICs:** High-speed programmable logic devices.
* **Network Equipment:** Routers, switches, and modems.
* **Power Supplies:** Cooling voltage regulators and power transistors.
- ⤷
How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What are the hole diameter requirements for the push-pin installation?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?