ATS-13B-08-C2-R0
AI

The **ATS-13B-08-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "maxiFLOW™" series and is categorized as a high-performance **heat sink** designed for cooling integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized) |
| **Dimensions (L x W x H)** | 48.26mm x 48.26mm x 22.86mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.59° C/W (Natural Convection) |
| **Airflow Direction** | Horizontal (Spread Fin) |
---
### 2. Design and Component Breakdown
This part is not an active electronic circuit but a **passive thermal management component**. Its design includes several key features:
* **Fins:** It utilizes a "Spread Fin" design. Unlike standard rectangular fins, these flare outward to maximize surface area and increase airflow intake, reducing the temperature of the underlying chip more efficiently.
* **pushPIN™ Attachment:** The "R0" suffix often refers to the specific attachment kit. This system uses a brass or plastic pin with a stainless steel spring to provide a precise, consistent pressure against the processor.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with a high-performance thermal pad or phase-change material on the base to ensure there are no air gaps between the heat sink and the electronic component.
---
### 3. Electronic Applications
The ATS-13B-08-C2-R0 is typically used in environments where heat dissipation is critical for the stability of sensitive electronics:
1. **Telecommunications:** Used on high-speed networking chips and routers.
2. **Embedded Systems:** Ideal for ARM or FPGA processors that generate significant heat in tight enclosures.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
---
### 4. Part Number Decoding
Understanding the nomenclature helps identify variations:
* **ATS:** Advanced Thermal Solutions (Brand).
* **13B:** Specific series/form factor identifier.
* **08:** Designates the specific fin geometry and height.
* **C2:** Refers to the thermal performance grade and material (Blue Anodized Aluminum).
* **R0:** Indicates the attachment/kit version (Standard pushPIN).
- ⤷
What are the specific advantages of the maxiFLOW spread fin design over straight fins?
- ⤷ Can the pushPIN attachment be used on any PCB
- ⤷ or does it require specific hole diameters?
- ⤷ How does the thermal resistance of this part change under forced air cooling?