ATS-13B-08-C3-R0
AI

The **ATS-13B-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series, commonly used for cooling ICs, BGAs, and other surface-mount components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Top Mount) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 14.61°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | XCUT (Cross-cut) |
---
### 2. Design and Functional Features
#### A. XCUT Fin Pattern
The heatsink utilizes a **cross-cut (XCUT)** fin design. Unlike straight-fin heatsinks, cross-cut fins allow for:
* **Omnidirectional Airflow:** Air can enter and exit the fin array from multiple angles, making it ideal for systems where the airflow direction is inconsistent or blocked by other components.
* **Increased Surface Area:** The gaps between the pins increase the total surface area for heat dissipation.
#### B. Push-Pin Attachment Mechanism
This part uses a **Brass Push-Pin with a Stainless Steel Spring**.
* **Function:** The pin passes through pre-drilled holes in the PCB. The spring provides consistent pressure (clamping force) on the high-power component.
* **Reliability:** This is more secure than thermal adhesive tapes and allows for easy removal or rework.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not only aesthetic but provides improved emissivity (radiant heat transfer) and corrosion resistance.
---
### 3. Application Use Cases
This specific heatsink is typically found in:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFET arrays or power management ICs.
4. **Processors:** Cooling Chipsets, FPGAs, or GPUs with a 45x45mm footprint.
---
### 4. Comparison to Similar Parts
| Part Number | Height | Attachment |
| :--- | :--- | :--- |
| ATS-13B-07-C3-R0 | 12.7mm | Push-Pin |
| **ATS-13B-08-C3-R0** | **15mm** | **Push-Pin** |
| ATS-13B-09-C3-R0 | 20mm | Push-Pin |
- ⤷
What are the PCB hole diameter requirements for the brass push-pins used in this model?
- ⤷ How does the thermal resistance change at higher airflow velocities (e.g.
- ⤷ 500 LFM)?
- ⤷ Is a thermal interface material (TIM) pre-applied to the ATS-13B-08-C3-R0?