ATS-13B-102-C2-R0
AI

The **ATS-13B-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) such as CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight (Mini-Fan) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 12.50° C/W (Unducted Flow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic Features
### pushPIN™ Attachment System
This part utilizes a specialized mechanical attachment system. It uses a brass or plastic pin with a high-tension spring. This ensures:
* **Constant Pressure:** Maintains uniform contact between the heat sink and the electronic component for optimal heat transfer.
* **Vibration Resistance:** Securely locks the heat sink to the PCB, preventing detachment during transit or high-vibration operation.
### Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific TIM used (T766).
* **Function:** It fills microscopic air gaps between the heat sink base and the chip surface.
* **Performance:** T766 is a high-performance phase-change material that offers low thermal impedance.
### Fine Pitch Fin Design
The heat sink features a high-density fin arrangement designed for **forced air cooling**. In a chassis with active fans, the geometry maximizes surface area while minimizing pressure drop across the device.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in selecting variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **13B** | Product Series (pushPIN™ Heat Sink) |
| **102** | Specific Size and Fin Geometry |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
---
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the blue anodized finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling applications?