ATS-13B-124-C2-R0
AI

The **ATS-13B-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Key Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 3.28°C/W (at 100 LFM) |
| **Attachment Method** | Push-pin (Brass) |
| **Fin Style** | XC-CUT (Cross-cut) |
| **Dimensions** | 50mm x 50mm x 25mm |
---
### 2. Design and Engineering Features
#### A. Fin Geometry (XC-CUT)
The "XC-CUT" design refers to a cross-cut pattern. Unlike straight fins, cross-cutting creates individual pins or blocks. This design:
* Increases the surface area for heat transfer.
* Allows for **multi-directional airflow**, making it effective regardless of which direction the fan is blowing.
* Reduces pressure drop across the heat sink.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**. This is a high-performance thermal pad that melts when the component gets hot, filling microscopic air gaps between the chip and the heat sink for maximum heat conductivity.
#### C. Push-Pin Attachment
The "-R0" designates the mounting kit. This model uses a **Push-pin and Spring** mechanism:
* **Compression Springs:** Ensure consistent pressure is applied to the component, preventing the heat sink from shifting or losing contact due to vibration.
* **Brass Push-pins:** Durable connectors that snap into pre-drilled holes on the PCB.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where space is available for a 25mm height profile.
3. **Power Electronics:** Dissipating heat from large voltage regulators or MOSFETs.
---
### 4. Thermal Performance Comparison
The effectiveness of the heat sink changes based on the airflow velocity (LFM - Linear Feet per Minute):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 3.28 °C/W | 1.54 °C/W | 1.15 °C/W |
- ⤷
How does the 'C2' thermal material compare to standard thermal grease?
- ⤷ What are the PCB hole requirements for mounting the push-pin system?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?