ATS-13B-15-C2-R0
AI

The **ATS-13B-15-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed primarily for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance (LFM 200)** | 7.44 °C/W |
| **Thermal Resistance (LFM 800)** | 2.59 °C/W |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Breakdown of the Part Number
The part number can be decoded to understand the exact configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13B**: Series/Style (typically refers to the fin profile and attachment type).
* **15**: Specific size/dimensions identifier within that series.
* **C2**: Indicates the material/finish (Aluminum with Blue Anodization).
* **R0**: Version/Revision number.
---
### 3. Key Electronic Cooling Features
* **maxiFLOW™ Design:** The heat sink features a tapered fin design that increases the surface area and encourages air turbulence, significantly improving heat dissipation compared to traditional straight-fin heat sinks.
* **pushPIN™ Attachment:** This model uses a spring-loaded brass pin system. This provides a precise, reliable, and repeatable pressure on the component, ensuring optimal contact with the thermal interface material (TIM).
* **Pre-Applied TIM:** It comes with **T766** thermal interface material pre-applied, which reduces assembly time and ensures a consistent thermal bond.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides a small degree of electrical insulation and increases the surface emissivity, which helps slightly with radiation cooling.
---
### 4. Typical Applications
This component is used in environments where air cooling is the primary thermal management strategy:
1. **Telecommunications:** Networking switches and routers.
2. **Computing:** Embedded systems and industrial motherboards.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
- ⤷
What is the significance of the LFM (Linear Feet per Minute) rating for this heat sink?
- ⤷ Can the pushPIN attachment be used on any PCB
- ⤷ or does it require specific hole patterns?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?