ATS-13B-155-C2-R0
AI

The **ATS-13B-155-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "Blue" series, designed for push-pin mounting on integrated circuits (ICs).
---
### 1. Technical Specifications
The part number encodes specific data regarding its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 5.37°C/W @ 1.0 m/s (approx.) |
| **Mounting Style** | Push-Pin (2-hole) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design Features
* **Fin Geometry:** This model utilizes a **straight fin** design. Straight fins are ideal for unidirectional airflow environments where the cooling fan blows air directly across the length of the fins.
* **Attachment Mechanism:** It uses a **Push-Pin** system. This consists of a spring-loaded plastic or brass pin that snaps into pre-drilled holes on the Printed Circuit Board (PCB).
* *Advantage:* Provides consistent pressure for optimal heat transfer without the risk of the heat sink shifting.
* **Base Material:** Made from extruded aluminum, which provides a balance between lightweight construction and high thermal conductivity.
---
### 3. Thermal Performance Profile
The efficiency of this heat sink depends on the velocity of the air (measured in Linear Feet per Minute - LFM or Meters per Second - m/s).
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Low Flow) | ~5.37 |
| 2.0 (Standard) | ~3.66 |
| 3.0 (High Flow) | ~2.99 |
---
### 4. Typical Applications
This specific size and mounting style are commonly used for:
1. **BGA Packages:** High-speed processors or FPGAs.
2. **Network Switches:** Cooling internal ASICs.
3. **Power Supplies:** Managing heat for MOSFETs or bridge rectifiers.
4. **Industrial PCs:** Compact computing modules requiring passive or semi-passive cooling.
---
- ⤷
How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What are the PCB hole diameter requirements for the ATS push-pin mounting system?
- ⤷ Can the T766 Thermal Interface Material be replaced with custom thermal paste?